Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 106Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 107Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 108Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 109Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 110Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 111Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 112Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 113Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 369 page
background image
110
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Block Diagram
Figure 48. ADC Block Diagram
Conversion Details
The conversion of a single analog value to 10-bit digital data requires 11 ADC clock
cycles comprised of the following:
•
One ADC clock cycle to sample the analog input signal.
•
Ten ADC clock cycles to fix the ten resultant bits.
The clock input to the ADC has to be lower than 700 kHz. The user can choose a fre-
quency by writing in the ADC mode register (ADC_MR) the preload value of the counter
(PRLVAL[4:0]). The master clock is divided by this value, and the result is the ADC
clock. The preload value is coded on 7 bits with the 2 LSBs always low to guarantee a
duty cycle of ½. The user can divide master clock by 0 (so ADC clock = CORECLK), 4,
8, …, 48, ..., 64, ..., 124. This allows adapting the ADC clock as well as possible with a
master clock comprised between 700 kHz and 30 MHz. For example, if CORECLK = 30
MHz with a preload value of 48 the ADC clock is 625 kHz.
CLR
CORECLK
ADC_CR.1
ADGEN
CORECLK
START END
Startup Time
ADC_IMR
ADC_INT
ADC_SR.0
EOC
ADC_SR.2
OVR
ADC_SR.1
READY
ADC_SR.3
TEND
ADC_DR
ADCOUT
VREFP
In0
In1
In2
In3
In4
In5
In6
In7
0
7
6
5
4
3
2
1
ADCIN
Input
Management
CHAN[3:0]
ADC_CMR
CV1[2:0] - CV8[2:0]
ADC_MR
NBRCH[2:0]
1
0
ADC_MR.10
CONTCV
TRIG
ADC_MR.11
IES
ADC_CR.3
START
ADC_CR.4
STOP
S Q
R
ADC_MR
PRLVAL[4:0]
START
Prescaler
ADCCLK
ADC10
S
Q
R
ADC_MR.6
STOPPEN
ADC_SR.3
TEND
DAC_PMSR.2
DAC
ENABLE
ADC_CR.2
ADCDIS
VREFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com