Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 108Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 109Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 110Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 111Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 112Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 113Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 114Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 115Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 369 page
background image
112
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
peripheral clock in the Disable Clock Register (ADC_DCR), thus also disabling the Digi-
tal part of the ADC.
When the ADC is re-enabled, a minimum of 4 µs is required before the analog circuitry
is stabilized and ready for reliable usage. The user has to initialize the STARTUPTIME
in the ADC_MR register value by indicating how many clock periods of the master clock
are necessary to make 4 µs.
When the ADC is enabled for the first time (after standby mode but not after wait mode)
the interface starts counting and then sets the READY bit in ADC_SR (Status Register)
which allows a conversion. The ready flag also indicates if the ADC is converting data,
or is waiting for a start, because this flag is low when ADC is disabled or converting and
is high when ADC is waiting for a start.
Wait Mode
When the analog part of the ADC peripheral is in standby mode, but the digital part of
the peripheral is active, the circuitry is in wait mode. To leave this status, the user can do
one of the following.
•
Disable the CPU clock. The peripheral is then in standby mode.
•
Enable the analog circuitry by setting the ADCEN of the control register. The
peripheral is active.
Standby Mode
When the analog part as well as the digital part are in standby mode, the ADC periph-
eral is really in standby mode. The digital part is in standby mode when the clock is
disabled. The microcontroller disables the peripheral clock by writing in the Disable
Clock register (ADC_DCR) The microcontroller disables the analog part by setting the
ADCDIS bit of the control register.
Warnings
As the standby mode can be effective only after having been in wait mode, a specific
order in the different actions has to be respected. If the user disables the clock of the
interface before disabling the analog part of the peripheral, the peripheral is not in
standby mode.
START Mode
The peripheral is commanded by an internal start (given by the microprocessor). In this
mode, the analog part of the ADC peripheral is waiting for a start.
NBRCH[2:0]
These bits indicate how many inputs will be converted within a one shot or continuous
mode.
CONT Mode
The CONTCV bit of the ADC mode register indicates if the peripheral is converting in a
continuous mode (in this case the bit is high) or in a one shot mode. This bit is initialized
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com