Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 104Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 105Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 106Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 107Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 108Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 109Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 110Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 111Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 369 page
background image
108
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
10-bit Analog to Digital Converter (ADC)
Overview
The AT91SAM7A2 includes two 10-bit ADCs (8 channels).
The 10-bit Analog to Digital Converter (ADC) can be configured in different modes as
follows.
•
Single input/one shot mode: One input selected and a single conversion.
•
Single input/continuous mode: One input selected, the microprocessor gives the
first start to the peripheral which is then completely independent. The PDC can be
used to save the resulting data in memory.
The conversion is stopped in two ways:
1.
By the microprocessor, by setting the STOP bit of the active control register.
2.
By the PDC: TEND can stop the conversion if the STOPEN bit of the mode
register is active. This allows the user to order a conversion of a certain num-
ber of data without any software intervention.
•
Multiple input/one shot mode: The user selects which analog inputs will be
converted and specifies the names of the inputs that will be considered by the ADC
and in which order they will be converted. This allows the user to make conversions
of some of the eight inputs in the order of preference, in one shot. The PDC can be
used to save each result.
•
Multiple input/continuous mode: Several analog inputs are converted, the
microprocessor first starts up the peripheral which then becomes completely
independent.
The conversion is stopped in two ways:
–
By the microprocessor, by setting the STOP bit of the active control register.
–
By the PDC: TEND can stop the conversion if the STOPEN bit of the mode
register is active. This allows the user to order a conversion of a certain
number of data without any software intervention.
If the PDC is active, a flag is set when the transfer of all the data is finished.
The converter is composed of a 10-bit cascaded potentiometric digital to analog con-
verter connected to the negative input of a Sample and Hold comparator. It is based on
a string of 64 polysilicon resistors connected between reference inputs VREF. So, the
analog input to be converted needs to be in the interval [GND:VREFP].
In the terminology, the Integral Non-Linearity (INL) is a measure of the maximum devia-
tion from a straight line passing through the end-points of the transfer function. It does
not include the full scale error and the zero error. It is calculated from the real value of
the LSB which is calculated from the output range (output variation between the minimal
value 0 and the maximal one).
The Differential Non-linearity (DNL) is the difference between the measured change and
the ideal change between any two adjacent codes. A specified DNL of ±1 LSB max over
the operating point temperature range ensures monotony. The DNL is relative to the real
value of the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com