Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A2-AI Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 105Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 106Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 107Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 108Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 109Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 110Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 111Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 112Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 369 page
background image
109
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Figure 47. Signal Description
When start is high, the cell is reset and the internal clock is inhibited. The D[9:0] signal is
at 512, so the internal ADC output is at (VREFP - GND)/2. The hold output is low, so the
input voltage at the Sample and Hold stage of the comparator is sampled.
When the start goes low, the hold signal goes high with the next falling clock edge, and
the input voltage is stored on the Sample and Hold capacitor. The comparator performs
a comparison between the stored input voltage and the ADC output.
With the next rising clock signal, the comparator output becomes valid, this value being
stored as D[9] in the internal register. The internal shift register now sets D[8] high, and
a new comparison is performed. The next rising edge of clock stores the result in D[8].
After another 8 low-pulse of clock, all 10 bits are valid at output D[9:0]. The End of Con-
version signal (EOC) is set high. The input is sampled again as the hold signal goes low
and a new conversion can be started with a high-pulse of the start signal.
0
1
2
3
45
67
8
9
Data Valid
0
01
2
3
4
5
6
7
8
9
1
2
3
adc_clk
start
hold
D[9:0]
eoc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com