Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 68Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 69Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 70Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 71Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 72Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 73Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 74Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 75Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
MCU bus interface
PSD4235G2V
72/124
18.9
MMC2001
The Motorola MCORE MMC2001 MCU has a MOD input pin that selects internal or external
boot ROM. The PSD can be configured as the external flash boot ROM or as extension to
the internal ROM.
The MMC2001 has a 16-bit external data bus and 20 address lines with external chip select
signals. The Chip Select Control registers allow the user to customize the bus interface and
timing to fit the individual system requirement. A typical interface configuration to the PSD is
shown in Figure 24. The MMC2001’s R/W signal is connected to the CNTL0 pin, while EB0
and EB1 (enable byte-0 and enable byte-1) are connected to the CNTL1 (UDS) and CNTL2
(LDS) pins. The WEN bit in the Chip Select Control register should be set to ’1’ to terminate
the EB0-EB1 earlier to provide the write data hold time for the PSD. The WSC and WWS
bits in the Control register are set to wait states that meet the PSD access time requirement.
Another option is to configure the EB0 and EB1 as WRL and WRH signals. In this case, the
PSD control setting will be: OE, WRL, WRH where OE is the READ signal for the
MMC2001.
18.10
C16x family
The PSD supports Infineon’s C16X family of MCUs (C161-C167) in both the multiplexed and
non-multiplexed bus configuration. In Figure 25, the C167CR is shown connected to the
PSD in a multiplexed bus configuration. The control signals from the MCU are WR, RD, BHE
and ALE, and are routed to the corresponding PSD pins.
The C167 has another control signal setting (RD, WRL, WRH, ALE) which is also supported
by the PSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com