Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 86Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 87Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 88Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 89Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 90Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 91Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 92Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 93Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
Power management
PSD4235G2V
90/124
20.1
Automatic Power-down (APD) Unit and Power-down mode
The APD Unit, shown in Figure 31, puts the PSD into Power-down mode by monitoring the
activity of Address Strobe (ALE/AS, PD0). If the APD Unit is enabled, as soon as activity on
Address Strobe (ALE/AS, PD0) stops, a four-bit counter starts counting. If Address Strobe
(ALE/AS, PD0) remains inactive for fifteen clock periods of CLKIN (PD1), Power-down
(PDN) goes high, and the PSD enters Power-down mode, as discussed next.
20.2
Power-down mode
By default, if you enable the APD Unit, Power-down mode is automatically enabled. The
device enters Power-down mode if Address Strobe (ALE/AS, PD0) remains inactive for
fifteen periods of CLKIN (PD1).
The following should be kept in mind when the PSD is in Power-down mode:
●
If Address Strobe (ALE/AS, PD0) starts pulsing again, the PSD returns to normal
operation. The PSD also returns to normal operation if either PSD Chip Select input
(CSI, PD2) is low or the Reset (RESET) input is high.
●
The MCU address/data bus is blocked from all memory and PLDs.
●
Various signals can be blocked (prior to Power-down mode) from entering the PLDs by
setting the appropriate bits in the Power Management Mode registers (PMMR). The
blocked signals include MCU control signals and the common CLKIN (PD1). Note that
blocking CLKIN (PD1) from the PLDs does not block CLKIN (PD1) from the APD Unit.
●
All PSD memories enter Standby mode and are drawing standby current. However, the
PLDs and I/O ports blocks do not go into Standby mode because you do not want to
have to wait for the logic and I/O to “wakeup” before their outputs can change. See
Table 47 for Power-down mode effects on PSD ports.
●
Typical standby current is or the order of µA. This standby current value assumes that
there are no transitions on any PLD input.
Table 47.
Effect of Power-down mode on ports
Port function
Pin level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data port
Tri-State
Peripheral I/O
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com