Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 28Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 29Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 30Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 31Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 32Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 33Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 34Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 35Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Detailed operation
PSD4235G2V
32/124
6.2
Primary Flash memory and secondary Flash memory
description
The primary Flash memory is divided evenly into 8 sectors. The secondary Flash memory is
divided evenly into 4 sectors. Each sector of either memory block can be separately
protected from Program and Erase cycles.
Flash memory may be erased on a sector-by-sector basis, and programmed word-by-word.
Flash sector erasure may be suspended while data is read from other sectors of the block
and then resumed after reading.
During a Program or Erase cycle in Flash memory, the status can be output on the
Ready/Busy pin (PE4). This pin is set up using PSDsoft Express.
6.2.1
Memory block Select signals
The DPLD generates the Select signals for all the internal memory blocks (see Section 15:
PLDS). Each of the sectors of the primary Flash memory has a Select signal (FS0-FS7)
which can contain up to three product terms. Each of the sectors of the secondary Flash
memory has a Select signal (CSBOOT0-CSBOOT3) which can contain up to three product
terms. Having three product terms for each Select signal allows a given sector to be
mapped in different areas of system memory. When using a MCU with separate Program
and Data space (80C51XA), these flexible Select signals allow dynamic re-mapping of
sectors from one memory space to the other before and after IAP. The SRAM block has a
single Select signal (RS0).
6.2.2
Ready/Busy (PE4)
This signal can be used to output the Ready/Busy status of the PSD. The output is a ’0’
(Busy) when a Flash memory block is being written to, or when a Flash memory block is
being erased. The output is a ’1’ (Ready) when no WRITE or Erase cycle is in progress.
6.3
Memory operation
The primary Flash memory and secondary Flash memory are addressed through the MCU
Bus Interface. The MCU can access these memories in one of two ways:
●
The MCU can execute a typical bus WRITE or READ operation just as it would if
accessing a RAM or ROM device using standard bus cycles.
●
The MCU can execute a specific instruction that consists of several WRITE and READ
operations. This involves writing specific data patterns to special addresses within the
Flash memory to invoke an embedded algorithm. These instructions are summarized in
Table 28.
Typically, the MCU can read Flash memory using READ operations, just as it would read a
ROM device. However, Flash memory can only be erased and programmed using specific
instructions. For example, the MCU cannot write a single byte directly to Flash memory as
one would write a byte to RAM. To program a word into Flash memory, the MCU must
execute a Program instruction, then test the status of the Programming event. This status
test is achieved by a READ operation or polling Ready/Busy (PE4).
Flash memory can also be read by using special instructions to retrieve particular Flash
device information (sector protect status and ID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com