Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 14Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 15Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 16Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 17Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 18Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 19Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 20Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 21Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
PSD architectural overview
PSD4235G2V
18/124
2.4
MCU bus interface
The PSD easily interfaces easily with most 16-bit MCUs, either with multiplexed or non-
multiplexed address/data buses. The device is configured to respond to the MCU’s control
pins, which are also used as inputs to the PLDs.
2.5
ISP via JTAG port
In-System Programming (ISP) can be performed through the JTAG signals on Port E. This
serial interface allows complete programming of the entire PSD device. A blank device can
be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) can
be multiplexed with other functions on Port E. Table 3 indicates the JTAG pin assignments.
2.6
In-system programming (ISP)
Using the JTAG signals on Port E, the entire PSD device (memory, logic, configuration) can
be programmed or erased without the use of the MCU.
2.7
In-application programming (IAP)
The primary Flash memory can also be programmed, or re-programmed, in-system by the
MCU executing the programming algorithms out of the secondary Flash memory, or SRAM.
The secondary Flash memory can be programmed the same way by executing out of the
primary Flash memory. Table 4 indicates which programming methods can program
different functional blocks of the PSD.
Table 2.
PLD I/O
Name
Inputs
Outputs
Product Terms
Decode PLD (DPLD)
82
17
43
Complex PLD (CPLD)
82
24
150
Table 3.
JTAG signals on port E
Port E pins
JTAG signal
PE0
TMS
PE1
TCK
PE2
TDI
PE3
TDO
PE4
TSTAT
PE5
TERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com