Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 93Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 94Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 95Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 96Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 97Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 98Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 99Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 100Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
PSD4235G2V
Programming in-circuit using the JTAG serial interface
97/124
The state of the PSD Reset (RESET) signal does not interrupt (or prevent) JTAG operations
if the JTAG pins are dedicated by an NVM configuration bit (via PSDsoft Express). However,
Reset (RESET) will prevent or interrupt JTAG operations if the JTAG Enable register (as
shown in Table 20) is used to enable the JTAG pins.
The PSD supports JTAG In-System-Programmability (ISP) commands, but not Boundary
Scan. ST’s PSDsoft Express software tool and FlashLINK JTAG programming cable
implement the JTAG In-System-Programmability (ISP) commands.
22.2
JTAG extensions
TSTAT and TERR are two JTAG extension signals enabled by a JTAG command received
over the four standard JTAG pins (TMS, TCK, TDI, and TDO). They are used to speed
Program and Erase cycles by indicating status on PSD pins instead of having to scan the
status out serially using the standard JTAG channel. See Application Note AN1153.
TERR indicates if an error has occurred when erasing a sector or programming in Flash
memory. This signal goes low (active) when an Error condition occurs, and stays low until a
specific JTAG command is executed or a Reset (RESET) pulse is received after an
“ISC_DISABLE” command.
TSTAT behaves the same as Ready/Busy (PE4) described in Section 6.2.2: Ready/Busy
(PE4). TSTAT is high when the PSD4235G2V device is in READ mode (primary Flash
memory and secondary Flash memory contents can be read). TSTAT is low when Flash
memory Program or Erase cycles are in progress, and also when data is being written to the
secondary Flash memory.
TSTAT and TERR can be configured as open-drain type signals with a JTAG command.
Note:
The state of Reset (Reset) does not interrupt (or prevent) JTAG operations if the JTAG
signals are dedicated by an NVM Configuration bit (via PSDsoft Express). However, Reset
(Reset) prevents or interrupts JTAG operations if the JTAG Enable register (as shown in
Table 20) is used to enable the JTAG signals.
22.3
Security and Flash memory protection
When the Security bit is set, the device cannot be read on a device programmer or through
the JTAG Port. When using the JTAG Port, only a Full Chip Erase command is allowed.
All other Program, Erase and Verify commands are blocked. Full Chip Erase returns the
device to a non-secured blank state. The Security bit can be set in PSDsoft Express.
All primary Flash memory and secondary Flash memory sectors can individually be sector
protected against erasure. The sector protect bits can be set in PSDsoft Express.
Table 51.
JTAG port signals
Port E pin
JTAG signals
Description
PE0
TMS
Mode Select
PE1
TCK
Clock
PE2
TDI
Serial Data In
PE3
TDO
Serial Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com