Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 21Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 22Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 23Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 24Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 25Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 26Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 27Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 28Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
PSD4235G2V
Register bit definition
25/124
5.5
Drive registers - Ports A, B, D, E, G
Port pin <i>:
0: Port pin <i> is configured for CMOS output driver (default).
1: Port pin <i> is configured for Open Drain output driver.
5.6
Drive registers - Ports C and F
Port pin <i>:
0: Port pin <i> is configured for CMOS output driver (default).
1: Port pin <i> is configured in Slew Rate mode.
5.7
Enable-Out registers - Ports A, B, C, F
Read-only registers
Port pin <i>:
0: Port pin <i> is in tri-state driver (default).
1: Port pin <i> is enabled.
5.8
Input macrocells registers- ports A, B, C
Read input macrocell (IMC7-IMC0) status on Ports A, B and C.
Read-only registers
Table 10.
Drive registers - Ports A, B, D, E, G
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Table 11.
Drive registers - Ports C, F
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Table 12.
Enable-Out registers - Ports A, B, C, F
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Table 13.
Input macrocell registers - Port A, B, C
Bit 7Bit 6
Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
IMcell 7
IMcell 6
IMcell 5
IMcell 4
IMcell 3
IMcell 2
IMcell 1
IMcell 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com