Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 45Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 46Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 47Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
Erasing Flash memory
PSD4235G2V
44/124
9.2
Suspend Sector Erase
When a Sector Erase cycle is in progress, the Suspend Sector Erase instruction can be
used to suspend the cycle by writing 0B0h to any even address when an appropriate Sector
Select (FS0-FS7 or CSBOOT0-CSBOOT3) is high. (See Table 28). This allows reading of
data from another Flash memory sector after the Erase cycle has been suspended.
Suspend Sector Erase is accepted only during the Flash Sector Erase instruction execution
and defaults to READ mode. A Suspend Sector Erase instruction executed during an Erase
timeout period, in addition to suspending the Erase cycle, terminates the time out period.
The Toggle Flag bit (DQ6/DQ14) stops toggling when the PSD internal logic is suspended.
The status of this bit must be monitored at an address within the Flash memory sector being
erased. The Toggle Flag bit (DQ6/DQ14) stops toggling between 0.1µs and 15 µs after the
Suspend Sector Erase instruction has been executed. The PSD is then automatically set to
READ mode.
If an Suspend Sector Erase instruction was executed, the following rules apply:
●
Attempting to read from a Flash memory sector that was being erased outputs invalid
data.
●
Reading from a Flash memory sector that was not being erased is valid.
●
The Flash memory cannot be programmed, and only responds to Resume Sector
Erase and Reset instructions (READ is an operation and is allowed).
●
If a Reset instruction is received, data in the Flash memory sector that was being
erased is invalid.
9.3
Resume Sector Erase
If a Suspend Sector Erase instruction was previously executed, the Erase cycle may be
resumed with this instruction. The Resume Sector Erase instruction consists of writing 030h
to any even address while an appropriate Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3)
is high. (See Table 28.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com