Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 77 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 73Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 74Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 75Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 76Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 77Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 78Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 79Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 80Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
PSD4235G2V
I/O ports
77/124
19.3
MCU I/O mode
In the MCU I/O mode, the MCU uses the PSD Ports to expand its own I/O ports. By setting
up the CSIOP space, the ports on the PSD are mapped into the MCU address space. The
addresses of the ports are listed in Table 5.
A port pin can be put into MCU I/O mode by writing a ’0’ to the corresponding bit in the
Control register (for Ports E, F and G). The MCU I/O direction may be changed by writing to
the corresponding bit in the Direction register, or by the output enable product term (see
Section 19.2: Port operating modes). When the pin is configured as an output, the content of
the Data Out register drives the pin. When configured as an input, the MCU can read the
port input through the Data In buffer (see Figure 26).
Ports A, B and C do not have Control registers, and are in MCU I/O mode by default. They
can be used for PLD I/O if they are specified in PSDsoft Express.
19.4
PLD I/O mode
The PLD I/O Mode uses a port as an input to the CPLD’s input macrocells (IMC), and/or as
an output from the CPLD’s output macrocells (OMC). The output can be tri-stated with a
control signal. This output enable control signal can be defined by a product term from the
PLD, or by resetting the corresponding bit in the Direction register to ’0’. The corresponding
bit in the Direction register must not be set to ’1’ if the pin is defined for a PLD input signal in
PSDsoft Express. The PLD I/O mode is specified in PSDsoft Express by declaring the port
pins, and then specifying an equation in PSDsoft Express.
19.5
Address Out mode
For MCUs with a multiplexed address/data bus, Address Out mode can be used to drive
latched addresses onto the port pins. These port pins can, in turn, drive external devices.
Either the output enable or the corresponding bits of both the Direction register and Control
register must be set to a ’1’ for pins to use Address Out mode. This must be done by the
MCU at run-time. See Table 40 for the address output pin assignments on Ports E, F and G
for various MCUs.
Note:
Do not drive address signals with Address Out Mode to an external memory device if it is
intended for the MCU to Boot from the external device. The MCU must first Boot from PSD
memory so the Direction and Control register bits can be set.
Table 38.
Port operating modes
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD I/O
McellA outputs
McellB outputs
Additional Ext. CS outputs
PLD inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
No
Yes
Yes
No
No
No
Yes
No
No
No
No
No
No
Yes
Yes
No
No
No
No
Address Out
No
No
No
No
Yes (A7 - 0)
Yes (A7 - 0)
Yes (A7 - 0)
or (A15 - 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com