Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 93 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 93 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 89Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 90Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 91Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 92Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 93Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 94Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 95Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 96Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
PSD4235G2V
Power management
93/124
20.7
Input control signals
The PSD provides the option to turn off the address input (A7-A0) and input control signals
(CNTL0, CNTL1, CNTL2, Address Strobe (ALE/AS, PD0) and Write Enable high-byte
(WRH/DBE, PD3)) to the PLD to save AC power consumption. These signals are inputs to
the PLD AND Array. During Power-down mode, or, if any of them are not being used as part
of the PLD logic equation, these control signals should be disabled to save AC power. They
are disconnected from the PLD AND Array by setting bits 0, 2, 3, 4, 5 and 6 to a ’1’ in
PMMR2.
Table 49.
APD counter operation
APD Enable
bit
ALE PD
polarity
ALE level
APD counter
0
X
X
Not counting
1
X
Pulsing
Not counting
1
1
1
Counting (Generates PDN after 15 clocks)
1
0
0
Counting (Generates PDN after 15 clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com