Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 41 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
PSD4235G2V
Programming Flash memory
41/124
since the Toggle Flag bit (DQ6/DQ14) may have changed simultaneously with the Error Flag
bit (DQ5/DQ13, see Figure 6).
The Error Flag bit (DQ5/DQ13) is set if either an internal timeout occurred while the
embedded algorithm attempted to program, or if the MCU attempted to program a ’1’ to a bit
that was not erased (not erased is logic 0).
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed, to compare the word that was written to Flash
memory with the word that was intended to be written.
When using the Data Toggle method after an Erase cycle, Figure 6 still applies. the Toggle
Flag bit (DQ6/DQ14) toggles until the Erase cycle is complete. A '1' on the Error Flag bit
(DQ5/DQ13) indicates a timeout condition on the Erase cycle, a ’0’ indicates no error. The
MCU can read any even location within the sector being erased to get the Toggle Flag bit
(DQ6/DQ14) and the Error Flag bit (DQ5/DQ13).
PSDsoft Express generates ANSI C code functions which implement these Data Toggling
algorithms.
8.3
Unlock Bypass
The Unlock Bypass instruction allows the system to program words to the Flash memories
faster than using the standard Program instruction. The Unlock Bypass mode is entered by
first initiating two Unlock cycles. This is followed by a third WRITE cycle containing the
Unlock Bypass command, 20h (as shown in Table 28). The Flash memory then enters the
Unlock Bypass mode.
A two-cycle Unlock Bypass Program instruction is all that is required to program in this
mode. The first cycle in this instruction contains the Unlock Bypass Program command,
A0h. The second cycle contains the program address and data. Additional data is
programmed in the same manner. This mode dispense with the initial two Unlock cycles
required in the standard Program instruction, resulting in faster total programming time.
During the unlock bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset
instructions are valid.
To exit the Unlock Bypass mode, the system must issue the two-cycle Unlock Bypass Reset
instruction. The first cycle must contain the data 90h; the second cycle the data 00h.
Addresses are Don’t Care for both cycles. The Flash memory then returns to READ mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com