Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 31Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 32Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 33Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 34Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 35Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 36Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
PSD4235G2V
Instructions
35/124
7
Instructions
An instruction consists of a sequence of specific operations. Each received byte is
sequentially decoded by the PSD and not executed as a standard WRITE operation. The
instruction is executed when the correct number of bytes are properly received and the time
between two consecutive bytes is shorter than the timeout period. Some instructions are
structured to include READ operations after the initial WRITE operations.
The instruction must be followed exactly. Any invalid combination of instruction bytes or
timeout between two consecutive bytes while addressing Flash memory resets the device
logic into READ mode (Flash memory is read like a ROM device).
The PSD supports the instructions summarized in Table 28:
●
Erase memory by chip or sector
●
Suspend or resume sector erase
●
Program a Word
●
Reset to READ mode
●
Read primary Flash Identifier value
●
Read Sector Protection Status
●
Bypass
These instructions are detailed in Table 28. For efficient decoding of the instructions, the first
two bytes of an instruction are the coded cycles and are followed by an instruction byte or
confirmation byte. The coded cycles consist of writing the data AAh to address XAAAh
during the first cycle and data 55h to address X554h during the second cycle (unless the
Bypass instruction feature is used, as described later). Address signals A15-A12 are Don’t
Care during the instruction WRITE cycles. However, the appropriate Sector Select signal
(FS0-FS7, or CSBOOT0-CSBOOT3) must be selected.
The primary and secondary Flash memories have the same instruction set (except for Read
Primary Flash Identifier). The Sector Select signals determine which Flash memory is to
receive and execute the instruction. The primary Flash memory is selected if any one of its
Sector Select signals (FS0-FS7) is high, and the secondary Flash memory is selected if any
one of its Sector Select signals (CSBOOT0-CSBOOT3) is high.
7.1
Power-up condition
The PSD internal logic is reset upon Power-up to the READ mode. Sector Select (FS0-FS7
and CSBOOT0-CSBOOT3) must be held low, and Write Strobe (WR/WRL, CNTL0) high,
during Power-up for maximum security of the data contents and to remove the possibility of
data being written on the first edge of Write Strobe (WR/WRL, CNTL0). Any WRITE cycle
initiation is locked when VCC is below VLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com