Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 76Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 77Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 78Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 79Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 80Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 81Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 82Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 83Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
I/O ports
PSD4235G2V
80/124
Figure 27.
Peripheral I/O mode
19.9
JTAG in-system programming (ISP)
Port E is JTAG compliant, and can be used for In-System Programming (ISP). You can
multiplex JTAG operations with other functions on Port E because In-System Programming
(ISP) is not performed during normal system operation. For more information on the JTAG
Port, see Figure 33: Reset (RESET) timing.
19.10
MCU Reset mode
Ports F and G can be configured to operate in MCU Reset mode. This mode is available
when PSD is configured for the Motorola 16-bit 683xx and HC16 family and is active only
during reset.
At the rising edge of the Reset input, the MCU reads the logic level on the data bus (D15-
D0) pins. The MCU then configures some of its I/O pin functions according to the logic level
input on the data bus lines. Two dedicated buffers are usually enabled during reset to drive
the data bus lines to the desired logic level.
The PSD can replace the two buffers by configuring Ports F and G to operate in MCU Reset
mode. In this mode, the PSD will drive the pre-defined logic level or data pattern on to the
MCU data bus when Reset is active and there is no ongoing bus cycle. After reset, Ports F
and G return to the normal Data Port mode.
The MCU Reset mode is enabled and configured in PSDsoft Express. The user defines the
logic level (data pattern) that will be drive out from Ports F and G during reset.
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0-D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com