Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 37 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 33Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 34Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 35Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 36Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
PSD4235G2V
Instructions
37/124
7.7
Data Polling (DQ7) - DQ15 for Motorola
When erasing or programming in Flash memory, the Data Polling bit (DQ7/DQ15) outputs
the complement of the bit being entered for programming/writing on the DQ7/DQ15 bit.
Once the Program instruction or the WRITE operation is completed, the true logic value is
read on the Data Polling bit (DQ7/DQ15, in a READ operation).
●
Data Polling is effective after the fourth WRITE pulse (for a Program instruction) or after
the sixth WRITE pulse (for an Erase instruction). It must be performed at the address
being programmed or at an address within the Flash memory sector being erased.
●
During an Erase cycle, the Data Polling bit (DQ7/DQ15) outputs a '0.' After completion
of the cycle, the Data Polling bit (DQ7/DQ15) outputs the last bit programmed (it is a ’1’
after erasing).
●
If the location to be programmed is in a protected Flash memory sector, the instruction
is ignored.
●
If all the Flash memory sectors to be erased are protected, the Data Polling bit
(DQ7/DQ15) is reset to ’0’ for about 100 µs, and then returns to the value from the
previously addressed location. No erasure is performed.
7.8
Toggle flag (DQ6) - DQ14 for Motorola
The PSD offers another way for determining when the Flash memory Program cycle is
completed. During the internal WRITE operation and when either FS0-FS7 or CSBOOT0-
CSBOOT3 is true, the Toggle Flag bit (DQ6/DQ14) bit toggles from 0 to ’1’ and 1 to ’0’ on
subsequent attempts to read any word of the memory.
When the internal cycle is complete, the toggling stops and the data read on the Data Bus
D0-D7 is the value from the addressed memory location. The device is now accessible for a
Table 29.
Status bits
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Data
Polling
Toggle
Flag
Error Flag
X
Erase
timeout
XX
X
Table 30.
Status bits for Motorola(1)(2)(3)
1.
X = Not guaranteed value, can be read either 1 or 0.
2.
DQ15-DQ0 represent the Data Bus bits, D15-D0.
3.
FS0-FS7/CSBOOT0-CSBOOT3 are active high.
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
Data
Polling
Toggle
Flag
Error Flag
X
Erase
timeout
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com