Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 40 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 36Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
Programming Flash memory
PSD4235G2V
40/124
Figure 5.
Data polling flowchart
8.2
Data toggle
Checking the Toggle Flag bit (DQ6/DQ14) is another method of determining whether a
Program or Erase cycle is in progress or has completed. Figure 6 shows the Data Toggle
algorithm.
When the MCU issues a Program instruction, the embedded algorithm within the PSD
begins. The MCU then reads the location to be programmed in Flash memory to check the
status. The Toggle Flag bit (DQ6/DQ14) toggles each time the MCU reads this location until
the embedded algorithm is complete. The MCU continues to read this location, checking the
Toggle Flag bit (DQ6/DQ14) and monitoring the Error Flag bit (DQ5/DQ13). When the
Toggle Flag bit (DQ6/DQ14) stops toggling (two consecutive READs yield the same value),
and the Error Flag bit (DQ5/DQ13) remains 0, the embedded algorithm is complete. If the
Error Flag bit (DQ5/DQ13) is 1, the MCU should test the Toggle Flag bit (DQ6/DQ14) again,
READ DQ5 and DQ7
(DQ13 and DQ15)
at Valid Even Address
START
READ DQ7
(DQ15)
Program
or Erase
Cycle failed
Program
or Erase
Cycle is
complete
AI04920
Yes
No
Yes
No
DQ5
(DQ13)
= 1
DQ7
(DQ15)
=
Data7
(Data15)
Yes
No
Issue RESET
instruction
DQ7
(DQ15)
=
Data7
(Data15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com