Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 43 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 45Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 46Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
PSD4235G2V
Erasing Flash memory
43/124
9
Erasing Flash memory
9.1
Flash Bulk Erase
The Flash Bulk Erase instruction uses six WRITE operations followed by a READ operation
of the status register, as described in Table 28. If any byte of the Bulk Erase instruction is
wrong, the Bulk Erase instruction aborts and the device is reset to the Read Memory mode.
During a Bulk Erase, the memory status may be checked by reading the Error Flag bit
(DQ5/DQ13), the Toggle Flag bit (DQ6/DQ14), and the Data Polling bit (DQ7/DQ15), as
detailed in Section 8: Programming Flash memory. The Error Flag bit (DQ5/DQ13) returns a
’1’ if there has been an Erase Failure (maximum number of Erase cycles have been
executed).
It is not necessary to program the memory with 00h because the PSD automatically does
this before erasing to 0FFh.
During execution of the Bulk Erase instruction, the Flash memory does not accept any
instructions.
Flash Sector Erase
The Sector Erase instruction uses six WRITE operations, as described in Table 28.
Additional Flash Sector Erase confirm commands and Flash memory sector addresses can
be written subsequently to erase other Flash memory sectors in parallel, without further
coded cycles, if the additional commands are transmitted in a shorter time than the timeout
period of about 100 µs. The input of a new Sector Erase command restarts the timeout
period.
The status of the internal timer can be monitored through the level of the Erase timeout Flag
bit (DQ3/DQ11). If the Erase timeout Flag bit (DQ3/DQ11) is 0, the Sector Erase instruction
has been received and the timeout period is counting. If the Erase timeout Flag bit
(DQ3/DQ11) is 1, the timeout period has expired and the PSD is busy erasing the Flash
memory sector(s). Before and during Erase timeout, any instruction other than Suspend
Sector Erase and Resume Sector Erase, abort the cycle that is currently in progress, and
reset the device to READ mode. It is not necessary to program the Flash memory sector
with 00h as the PSD does this automatically before erasing.
During a Sector Erase, the memory status may be checked by reading the Error Flag bit
(DQ5/DQ13), the Toggle Flag bit (DQ6/DQ14), and the Data Polling bit (DQ7/DQ15), as
detailed in Section 8: Programming Flash memory.
During execution of the Erase cycle, the Flash memory accepts only Reset and Suspend
Sector Erase instructions. Erasure of one Flash memory sector may be suspended, in order
to read data from another Flash memory sector, and then resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com