Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 36 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 32Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 33Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 34Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 35Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 36Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
Instructions
PSD4235G2V
36/124
7.2
Reading Flash memory
Under typical conditions, the MCU may read the primary Flash memory, or secondary Flash
memory, using READ operations just as it would a ROM or RAM device. Alternately, the
MCU may use READ operations to obtain status information about a Program or Erase
cycle that is currently in progress. Lastly, the MCU may use instructions to read special data
from these memory blocks. The following sections describe these READ functions.
7.3
Read memory contents
Primary Flash memory and secondary Flash memory are placed in the READ mode after
Power-up, chip reset, or a Reset Flash instruction (see Table 28). The MCU can read the
memory contents of the primary Flash memory, or the secondary Flash memory by using
READ operations any time the READ operation is not part of an instruction.
7.4
Read Primary Flash identifier
The primary Flash memory identifier is read with an instruction composed of 4 operations: 3
specific WRITE operations and a READ operation (see Table 28). The identifier for the
primary Flash memory is E8h. The secondary Flash memory does not support this
instruction.
7.5
Read Memory Sector Protection status
The Flash memory Sector Protection Status is read with an instruction composed of four
operations: three specific WRITE operations and a READ operation (see Table 28). The
READ operation produces 01h if the Flash memory sector is protected, or 00h if the sector
is not protected.
The sector protection status for all NVM blocks (primary Flash memory, or secondary Flash
memory) can be read by the MCU accessing the Flash Protection and Flash Boot Protection
registers in PSD I/O space. See Section 10.1: Flash Memory Sector Protect, for register
definitions.
7.6
Reading the Erase/Program status bits
The PSD provides several status bits to be used by the MCU to confirm the completion of an
Erase or Program cycle of Flash memory. These status bits minimize the time that the MCU
spends performing these tasks and are defined in Table 29. The status byte resides in an
even location, and can be read as many times as needed. Also note that DQ15-DQ8 is an
even byte for Motorola MCUs with a 16-bit data bus.
For Flash memory, the MCU can perform a READ operation to obtain these status bits while
an Erase or Program instruction is being executed by the embedded algorithm. See
Section 8: Programming Flash memory, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com