Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 45Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 46Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 47Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 48Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 49Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 50Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 51Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
Memory Select signals
PSD4235G2V
48/124
register by using PSDsoft Express to configure it for Boot-up and having the MCU change it
when desired.
Table 24 describes the VM register.
Figure 7.
Priority level of memory and I/O components
12.3
Separate space modes
Program space is separated from Data space. For example, Program Select Enable (PSEN,
CNTL2) is used to access the program code from the primary Flash memory, while Read
Strobe (RD, CNTL1) is used to access data from the secondary Flash memory, SRAM and
I/O Port blocks. This configuration requires the VM register to be set to 0Ch (see Figure 8).
12.4
Combined space modes
The Program and Data spaces are combined into one memory space that allows the
primary Flash memory, secondary Flash memory, and SRAM to be accessed by either
Program Select Enable (PSEN, CNTL2) or Read Strobe (RD, CNTL1). For example, to
configure the primary Flash memory in Combined space, bits 2 and 4 of the VM register are
set to ’1’ (see Figure 9).
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com