Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 23Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 24Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 25Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 26Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 27Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 28Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 29Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 30Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
PSD4235G2V
Register bit definition
27/124
5.12
Flash Boot Protection register
Sec<i>_Prot:
1: Secondary Flash memory Sector <i> is write protected.
0: Secondary Flash memory Sector <i> is not write protected.
Security_Bit:
0: Security bit in device has not been set.
1: Security bit in device has been set.
5.13
JTAG Enable register
JTAGEnable:
1: JTAG Port is enabled.
0: JTAG Port is disabled.
5.14
Page register
This register configures the page input to PLD.
Default value is PGR7-PGR0=0.
5.15
PMMR0 register
The bits of this register are cleared to zero following Power-up. Subsequent Reset (RESET)
pulses do not clear the registers.
Table 19.
Flash Boot Protection register
Bit 7Bit 6
Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
Security_
Bit
not used
not used
not used
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Table 20.
JTAG Enable register
Bit 7Bit 6
Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
not used
not used
not used
not used
not used
not used
not used
JTAG
Enable
Table 21.
Page register
Bit 7Bit 6
Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
PGR 7
PGR 6
PGR 5
PGR 4
PGR 3
PGR 2
PGR 1
PGR 0
Table 22.
PMMR0 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
not used
(set to ’0’)
not used
(set to ’0’)
PLD
MCells
CLK
PLD
Array CLK
PLD
Turbo
not used
(set to ’0’)
APD
Enable
not used
(set to ’0’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com