Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 82 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 78Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 79Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 80Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 81Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 82Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 83Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 84Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 85Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
I/O ports
PSD4235G2V
82/124
(The slew rate is a measurement of the rise and fall times of an output. A higher slew rate
means a faster output response and may create more electrical noise. A pin operates in a
high slew rate when the corresponding bit in the Drive register is set to '1.' The default rate is
slow slew.)
Table 45 shows the Drive register for Ports A, B, C, D, E, F and G. It summarizes which pins
can be configured as Open Drain outputs and which pins the slew rate can be set for.
Table 42.
Port Pin Direction Control, output Enable P.T. not defined
Direction register bit
Port pin mode
0
Input
1
Output
Table 43.
Port Pin Direction Control, output Enable P.T. defined
Direction register bit
Output Enable P.T.
Port pin mode
0
0
Input
0
1
Output
1
0
Output
1
1
Output
Table 44.
Port direction assignment example
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
1
1
1
Table 45.
Drive register pin assignment(1)
1.
NA = Not Applicable.
Drive
register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port A
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port C
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port D
NANANA
NA
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port E
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port F
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port G
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com