Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 13Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 14Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 15Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 16Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 17Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 18Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 19Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 20Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
PSD4235G2V
PSD architectural overview
17/124
2
PSD architectural overview
PSD devices contain several major functional blocks. Figure 3 shows the architecture of the
PSD device family. The functions of each block are described briefly in the following
sections. Many of the blocks perform multiple functions and are user configurable.
2.1
Memory
Each of the memory blocks is briefly discussed in the following paragraphs. A more detailed
discussion can be found in Section 6.1: Memory blocks on page 31.
The 4 Mbit primary Flash memory is the main memory of the PSD. It is divided into 8
equally-sized sectors that are individually selectable.
The 256 Kbit secondary Flash memory is divided into 4 equally-sized sectors. Each sector
is individually selectable.
The 64 Kbit SRAM is intended for use as a scratch-pad memory or as an extension to the
MCU SRAM.
Each memory block can be located in a different address space as defined by the user. The
access times for all memory types includes the address latching and DPLD decoding time.
2.2
PLDs
The device contains two PLD blocks, the Decode PLD (DPLD) and the Complex PLD
(CPLD), as shown in Table 2, each optimized for a different function. The functional
partitioning of the PLDs reduces power consumption, optimizes cost/performance, and
eases design entry.
The DPLD is used to decode addresses and to generate Sector Select signals for the PSD
internal memory and registers. The DPLD has combinatorial outputs, while the CPLD can
implement more general user-defined logic functions. The CPLD has 16 output macrocells
(OMC) and 8 combinatorial outputs. The PSD also has 24 input macrocells (IMC) that can
be configured as inputs to the PLDs. The PLDs receive their inputs from the PLD input Bus
and are differentiated by their output destinations, number of product terms, and macrocells.
The PLDs consume minimal power. The speed and power consumption of the PLD is
controlled by the Turbo bit in PMMR0 and other bits in PMMR2. These registers are set by
the MCU at run-time. There is a slight penalty to PLD propagation time when not in the
Turbo mode.
2.3
I/O ports
The PSD has 52 I/O pins divided among seven ports (Port A, B, C, D, E, F and G). Each I/O
pin can be individually configured for different functions. Ports can be configured as
standard MCU I/O ports, PLD I/O, or latched address outputs for MCUs using multiplexed
address/data buses
The JTAG pins can be enabled on Port E for in-system programming (ISP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com