Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12UT Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 83Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 84Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 85Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 86Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 87Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 88Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 89Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 90Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
PSD4235G2V
I/O ports
87/124
19.24
Port F - functionality and structure
Port F can be configured to perform one or more of the following functions:
●
MCU I/O Mode
●
CPLD output - External Chip Select (ECS7-ECS0) can be connected to Port F or Port
C.
●
CPLD input - direct input to the CPLD, no input macrocells (IMC)
●
Latched Address output - Provide latched address output as per Table 40.
●
Slew Rate - pins can be configured for fast Slew Rate
●
Data Port - connected to D7-D0 when Port F is configured as Data Port for a non-
multiplexed bus
●
Peripheral Mode
●
MCU Reset Mode - for 16-bit Motorola 683xx and HC16 MCUs
19.25
Port G - functionality and structure
Port G can be configured to perform one or more of the following functions:
●
MCU I/O Mode
●
Latched Address output - Provide latched address output as per Table 40.
●
Open Drain - pins can be configured in Open Drain Mode
●
Data Port - connected to D15-D8 when Port G is configured as Data Port for a non-
multiplexed bus
●
MCU Reset Mode - for 16-bit Motorola 683xx and hc16 mcus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com