Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 19Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 20Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 21Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 22Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 23Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 24Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 25Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 26Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
23 / 125
aaa-028052
treg2reset
tfirst
Self
Test
RESETBMCU
Regulator Outputs
(enable signals)
STEST done
(internal signal)
PWRON
VSNVS1
V1P5D
UVDET
VIN
Fuse
Load
1.6 V
tstest done
Final VSNVS1 Regulation
tvin_rise
VSNVS2
Final VSNVS2 Regulation
tvsnvs2_delay
Figure 7. Startup with PWRON pulled up
Table 16. Startup timing requirements (PWRON pulled up)
Symbol
Description
Min
Typ
Max
Unit
tvin_rise
Rise time of VIN from VPWR application to
UVDET (system dependent)
10
—
1500
µs
tstest_done
Time from VIN crossing UVDET to STEST_
done going high (self-test performed and
passed)
—
—
1.4
ms
tvsnvs2_delay
Time delay from fuse load to VSNVS2 start up
—
2
—
ms
tfirst
Time from STEST_done to first slot of power up
sequence
—
—
100
µs
treg2reset
Time from first regulator enabled to
RESETBMCU asserted to guarantee 5.0 ms
PMIC boot up
[1] —
—
1.5
ms
[1]
External regulators power up sequence time (treg2reset) is programmed by OTP and may be longer than 1.5 ms. However, 1.5 ms is the maximum allowed
time to ensure power up within 5.0 ms.
14.4 IC startup timing with PWRON pulled low during VIN application
It is possible that PWRON is held low when VIN is applied. By default, LPM_OFF bit
is reset to 0 upon crossing UVDET, therefore the PF7100 remains in the LP_Off state
as described in Section 13.1.2 "LP_Off state". In this scenario, quiescent current in
the LP_Off state is kept to a minimum. When PWRON goes high with LPM_OFF = 0,
the PMIC startup is expected to take longer, since it has to enable most of the internal
circuits and perform the self-test before starting a power up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com