Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 54Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 55Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
58 / 125
Symbol
Parameter
Min
Typ
Max
Unit
ISNVSx
VSNVSx load current range
0
—
10
mA
VSNVSx_ACC
VSNVSx output voltage accuracy in LDO mode
−5.0
—
5.0
%
VSNVS1_RDSON
VSNVS1 LDO on resistance
VSNVS1VOLT[1:0] = 10 or 11
—
—
20
Ω
VSNVSx_IQ
VSNVSx quiescent current in LDO mode
—
5.0
—
µA
VSNVS1_HDR
VSNVS1 LDO headroom voltage
Minimum voltage above setting
VSNVS1VOLT[1:0] = 10 or 11 to guarantee
regulation with 5 % tolerance
200
—
—
mV
VSNVS1_HDR
VSNVS1 LDO headroom voltage
Minimum voltage above setting
VSNVS1VOLT[1:0] = 01 to guarantee
regulation with 5 % tolerance
500
—
—
mV
VSNVSx_OS
VSNVSx startup overshoot
—
—
200
mV
VSNVSx_TRANS
VSNVSx load transient
−100
—
100
mV
VSNVSx_ILIM
VSNVSx current limit
20
—
70
mA
VSNVSx_TON
VSNVSx turn on time
Block enabled to VSNVSx at 90 % of final
value
—
—
1.35
ms
15.3 Type 1 buck regulators (SW1 to SW4)
The PF7100 features four low-voltage regulators with input supply range from 2.5 V
to 5.5 V and output voltage range from 0.4 V to 1.8 V in 6.25 mV steps. Each voltage
regulator is capable to supply 2.5 A and features a programmable soft-start and DVS
ramp for system power optimization.
aaa-028064
I2C
INTERFACE
2 to 3 MHz
clock
duty cycle
generator
slope
compensation
DAC
R2
R1
EA
SWxFB
TYPE II INTERNAL
COMPENSATION
VSWx
SWxLX
SWxIN
SWx
VIN
CINSWx
COSWx
LSWx
SWxPHASE
SWxILIM
SWxMODE
CONTROLLER
DRIVER
ISENSE
Z2
+
+
Figure 25. Buck regulator block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com