Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 47Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 48Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 49Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 50Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 51Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
48 / 125
LDO2EN pin
LDO2HW_EN bit
LDO2_RUN_EN
LDO2_STBY_EN
LDO2 output
Do not care
0
1
Enabled
Do not care
1
0
Disabled
Low
1
1
Disabled
High
1
1
Enabled
The default controlling mode for LDO2 is programmed by the OTP_LDO2HW_EN bit in
the OTP fuses.
A read-only bit is provided to monitor the actual state of the LDO2EN pin. When the
LDO2EN pin is low, the LDO2EN_S bit is 0 and when the LDO2EN pin is high, the
LDO2EN_S bit is set to 1.
14.9.11 FSOB (safety output)
The FSOB pin is a configurable, active low, open-drain output used as a safety output to
keep the system in a safe state upon a power up and/or during a specific failure event.
The FSOB pin is externally pulled up to VIN or VDDIO with a 470 kΩ resistor and it is de-
asserted high in normal operation.
The FSOB pin can be configured in active safe state mode or fault safe state mode as
programmed by the OTP_FSOB_ASS_EN bit in the OTP fuses.
On the PF7100 ASIL B devices, if the secure I2C write mechanism is enabled, all FSOB
flags require a secure write for them to be cleared (write 1 to clear + RANDOM_GEN
read + RANDOM_CHK write).
In the PF7100 QM devices, the OTP_FSOB_ASS_EN bit is not available, therefore it can
only operate in fault safe state mode.
14.9.11.1 FSOB active safe state (ASIL B device only)
If the OTP_FSOB_ASS_EN = 1, the active safe state mode is enabled.
In the active safe state mode, the FSOB pin is programmed to be asserted low after OTP
fuses are loaded and remain asserted as long as the PMIC is forced in a safe state.
In this mode of operation, the PIMIC is forced in the Safe state in the following conditions:
• Any of the ABIST flags are set during the self-test at power up.
• The FSOB_WDI_NOK is set when FSOB is programmed to assert via the FSOB_WDI
bit
• The FSOB_SFAULT_NOK is set when FSOB is programmed to assert via the
FSOB_SOFTFAULT bit
• Hard WD Reset (voltage regulators and RESETBMCU reset)
• Device is in any of the Off modes and the RESETBMCU is asserted low
• The FSOB_ASS_NOK flag is asserted.
Each time the PMIC is forced into the safe state, the FSOB pin is asserted low, and the
FSOB_ASS_NOK flag is set to 1, in order to keep the system in the safe state until the
MCU verifies that it is safe to return to normal operation.
During the active safe state mode, the PMIC can exit the safe state and release the
FSOB pin if the following conditions are met:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com