Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 74Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 75Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 76Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 77Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
74 / 125
Table 60. LDO output voltage configuration
Set point
VLDOx_RUN[3:0]
VLDOx_STBY[3 :0]
VLDOx output (V)
0
0000
0.8
1
0001
0.9
2
0010
1.0
3
0011
1.1
4
0100
1.2
5
0101
1.5
6
0110
1.6
7
0111
1.8
8
1000
1.85
9
1001
2.5
10
1010
3.0
11
1011
3.15
12
1100
3.3
13
1101
3.35
14
1110
4.5
15
1111
5.0
LDO2 can be controlled by hardware using the VSELECT and LDO2EN pins. When
controlling the LDO2 by hardware, the output voltage can be selectable by the VSELECT
pin as well as enabled/disabled by the LDO2EN pin.
15.5.1 LDO load switch operation
When the LDOxLS bit is set to 1, the corresponding LDO operates as a load switch,
allowing a pass-through from the LDOxVIN to the corresponding LDOxVOUT output
through a maximum 130 mΩ resistance. In this mode of operation, the input must be kept
inside the LDO operating input voltage range (2.5 V to 5.5 V)
The LDOxEN bit is used to enable or disable the switch.
15.5.2 LDO regulator electrical characteristics
Table 61. LDO regulator electrical characteristics
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, VLDOxIN = 2.5 V to 5.5 V, VLDOx = 1.8 V, ILDOx = 100 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VLDOxIN = 5.5 V, VLDOx = 1.8 V, ILDOx = 100
mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
VLDOxIN
LDOx operating input voltage range
1.5 V ≤ VLDOx < 2.25 V
2.5
—
5.5
V
VLDOxIN
LDOx operating input voltage range
2.25 V < VLDOx < 5.0 V
VLDOxNOM + 0.25 —
5.5
V
ILDOx
Maximum load current
400
—
—
mA
VLDOxTOL
Output voltage tolerance
0.8 V ≤ VLDOx ≤ 1.2 V
0 mA < ILDOx ≤ 400 mA
−35
—
35
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com