Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 89 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 87Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 88Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 89Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 90Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 91Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 92Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
89 / 125
A watchdog event initiated by the WDI pin may perform a hard WD reset or a soft WD
reset as defined by the WDI_MODE bit. A watchdog event initiated by the internal
watchdog always performs a hard WD reset.
15.10.1 Internal watchdog timer
The internal WD timer counts up and expires when it reaches the value in the
WD_DURATION[3:0] register. When the WD timer starts counting, the WD_CLEAR
flag is set to 1. Clearing the WD_CLEAR flag within the valid window is interpreted as a
successful watchdog refresh and the WD timer gets reset. The MCU must write a 1 to
clear the WD_CLEAR flag.
The WD timer is reset when device goes into any of the OFF modes and does not start
counting until RESETBMCU is deasserted in the next power up sequence.
The OTP_WD_DURATION[3:0] selects the initial configuration for the watchdog window
duration between 1.0 ms and 32768 ms (typical values).
The watchdog window duration can change during the system-on states by modifying the
WD_DURATION[3:0] bits on the functional register map. If the WD_DURATION[3:0] bits
get changed during the system-on states, the WD timer is reset.
Table 73. Watchdog duration register
WD_DURATION[3:0]
Watchdog timer duration (ms)
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
1010
1024
1011
2048
1100
4096
1101
8192
1110
16384
1111
32768
The WD_EXPIRE_CNT[2:0] counter is used to ensure that no cyclic watchdog
condition occurs. When the WD_CLEAR flag is cleared successfully before the
WD timer expires, the WD_EXPIRE_CNT[2:0] is decreased by 1. Every time the
WD timer is not successfully refreshed, it gets reset and starts a new count and the
WD_EXPIRE_CNT[2:0] is increased by 2.
If WD_EXPIRE_CNT[2:0] = WD_MAX_EXPIRE[2:0], a WD event is initiated. The default
maximum amount of time the watchdog can expire before starting a WD reset is set
by the OTP_WD_MAX_EXPIRE[2:0]. Writing a value less than or equal to 0x02 on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com