Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 62Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 64Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
61 / 125
the OTP_SWxPHASE[2:0] registers at power up. The SWxPHASE[2:0] can be modified
during the system-on states.
Table 46. SWx phase configuration
SWx_PHASE[2:0]
Phase shift (degrees)
000
45
001
90
010
135
011
180
100
225
101
270
110
315
111
0 (default)
Each one of the buck regulator provides 2 OTP bits to configure the value of the inductor
used in the corresponding block. The OTP_SWx_LSELECT[1:0] allow to choose the
inductor as shown in the following table.
Table 47. SWx inductor selection bits
OTP_SWx_LSELECT[1:0]
Inductor value
00
1.0 µH
01
0.47 µH
10
1.5 µH
11
Reserved
15.3.1 SW3 VTT operation
SW3 features a selectable VTT mode to create VTT termination for DDR memories.
When SW3_VTTEN = 1, the VTT mode is enabled. In this mode, SW3 reference voltage
is internally connected to SW4FB output through a divider by 2.
During the VTT mode, the DVS operation on SW3 is disabled and SW3 output is given
by VSW4FB / 2. In this mode, the minimum output voltage configuration for SW4 should be
800 mV to ensure that the SW3 is still within the regulation range at its output.
During the power-up sequence, the SW3 (VTT) may be turned on in the same or at a
slot later than SW4, as required by the system. When SW3 and SW4 are enabled in the
same slot, SW3 always tracks the VSW4/2. When SW3 is enabled after SW4, it ramps
up gradually to a predefined voltage and once this voltage is reached, it starts tracking
VSW4/2. The user may adjust the value at which the SW3 should start tracking the
voltage on the SW4 regulator by setting the OTP_VSW3 register accordingly.
During normal operation, if the SW4 is disabled via the I2C command, SW3 tracks the
output of SW4 and both regulators are discharged together and pulled down internally.
When SW4 is enabled back via the I2C commands, the SW3 output ramps up to the
corresponding voltage while SW3 is always VSW4/2.
When only SW3 is disabled, the PMIC uses the OTP_VTT_PDOWN bit to program
whether the SW3 regulator is disabled with the output in high impedance or discharged
internally.
• When OTP_VTT_PDOWN = 0, the output is disabled in high impedance mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com