Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 10Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 12Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 13Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
10 / 125
12.4 Device differences
Table 10. Device differences
Description
PF7100 ASIL B
PF7100 QM
Bits not available on PF7100 QM
During the self-test, the device checks:
• The high speed oscillator circuit is operating within
a maximum of 15 % tolerance
• A CRC is performed on the mirror registers during
the self-test routine to ensure the integrity of the
registers before powering up
• ABIST test on all voltage monitors and toggling
signals
Available
Not available
AB_SWx_OV
AB_SWx_UV
AB_LDOx_OVAB_LDOx_UV
STEST_NOK
Fail-safe state: to lock down the system in case of
critical failures cycling the PMIC On/Off
Available
Not available
FS_CNT[3:0]
OTP_FS_BYPASS
OTP_FS_MAX_CNT[3:0]
OTP_FS_OK_TIMER[2:0]
ABIST on demand
Available
Not available
AB_RUN
Active safe state: allow the FSOB to remain asserted
as long as any of the non-safe conditions are present.
Allow the system to be set in safe state via the FSOB
pin.
Available
Not available
FSOB_ASS_NOK
OTP_FSOB_ASS_EN (always 0)
Secure I2C write: I2C write procedure to modify
registers dedicated to safety features (I2C CRC is still
available)
Available
Not available
I2C_SECURE_EN
OTP_I2C_SECURE _EN (always 0)
RANDOM_GEN[7:0]
RANDOM_CHK[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com