Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 53Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 54Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 55Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
57 / 125
aaa-034300
OUTPUT
VOLTAGE
SELECTION
VIN
VSNVSx
VSNVSx
SUPPLY
Figure 24. VSNVSx block diagram
The VSNVS1 and VSNVS2 output keep regulation through all states, including the
system-on, OFF modes, power down sequence, watchdog reset, fail-safe transition,
and fail-safe state as long as there is a valid input (VIN), and the outputs have been
configured by the OTP_VSNVSxVOLT[1:0] registers.
Table 39. VSNVS1 output voltage configuration
OTP_VSNVS1VOLT[1:0]
VSNVS1VOLT[1:0]
VSNVS1 output voltage (V)
00
00
Off
01
01
1.8
10
10
3.0
11
11
3.3
Table 40. VSNVS2 output voltage configuration
OTP_VSNVS2VOLT[1:0]
VSNVS2VOLT[1:0]
VSNVS2 output voltage (V)
00
00
Off
01
01
0.8
10
10
0.9
11
11
1.8
For system debugging purposes, the VSNVS1 and VSNVS2 output may be changed
during the system-on states by changing the VSNVSxVOLT[1:0] bits in the functional I2C
registers.
Table 41. VSNVSx electrical characteristics
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, unless otherwise noted. All parameters
are specified at TA = −40 °C to 105 °C for AEC-Q100 grade 2 device, unless otherwise noted. Typical values are
characterized at VIN = 5.0 V, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
VIN_SNVSx
Operating voltage range from VIN
2.5
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com