Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 87Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
84 / 125
Table 68. Clock management specifications
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, unless otherwise noted. Typical values are characterized at VIN = 5.0 V and
TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Low frequency clock
IQ100KHz
100 kHz clock quiescent current
—
—
3.0
µA
f100KHzACC
100 kHz clock accuracy
−5.0
—
5.0
%
High frequency clock
f20MHz
High frequency clock nominal frequency
via CLK_FREQ[3:0] = 0000
—
20
—
MHz
f20MzACC
High frequency clock accuracy
−6.0
—
6.0
%
t20MHzStep
Clock step transition time
Minimum time to transition from one frequency
step to the next in manual tuning mode
—
5.2
—
µs
FSSRANGE
Spread-spectrum range
FSS_RANGE= 0
via CLK_FREQ[3:0]
Spread-spectrum is done around center
frequency of 20 MHz
—
±5.0
—
%
FSSRANGE
Spread-spectrum range
FSS_RANGE= 1
via CLK_FREQ[3:0]
Spread-spectrum is done around center
frequency of 20 MHz
—
±10
—
%
FSSmod
Spread spectrum frequency modulation
—
24
—
kHz
Clock synchronization
fSYNCIN
SYNCIN input frequency range
FSYNC_RANGE = 0
2000
—
3000
kHz
fSYNCIN
SYNCIN input frequency range
FSYNC_RANGE = 1
333
—
500
kHz
fSYNCOUT
SYNCOUT output frequency range
via CLK_FREQ[3:0]
2000
—
3000
kHz
VSYNCINLO
Input frequency low voltage threshold
—
—
0.3*VDDIO
V
VSYNCINHI
Input frequency high voltage threshold
0.7*VDDIO
—
—
V
RPD_SYNCIN
SYNCIN internal pull down resistance
0.475
1.0
__
MΩ
VSYNCOUTLO
Output frequency low voltage threshold
0
—
0.4
V
VSYNCOUTHI
Output frequency high voltage threshold
VDDIO − 0.5
—
—
V
15.8 Thermal monitors
The PF7100 features seven temperature sensors spread around the die. These sensors
are at the following locations:
1. Center of die
6. Vicinity of SW5
2. Vicinity of SW1
7. Vicinity of LDO1-2
3. Vicinity of SW2
4. Vicinity of SW3
5. Vicinity of SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com