Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 62Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 64Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 65Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 66Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
64 / 125
aaa-030480
VOUT
VIN (2.5 to 5.5 V)
SW1FB
1.0 µH
22 µF
x 8
4.7 µF
x 4
1.0 µH
QUAD PHASE
CONFIGURATION
SW1IN
SW2FB
SW2IN
SW2LX
SW3FB
SW3IN
SW3LX
SW4FB
SW4IN
SW4LX
SW1LX
1.0 µH
1.0 µH
Figure 28. Quad phase configuration
15.3.3 Electrical characteristics
Table 50. Type 1 buck regulator electrical characteristics
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, VIN = VSWxIN = UVDET to 5.5 V, VSWxFB = 1.0 V, ISWx = 500 mA, typical
external component values, fSW = 2.25 MHz, unless otherwise noted. Typical values are characterized at VIN = VSWxIN = 5.0
V, VSWxFB = 1.0 V, ISWx = 500 mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
[1] [2]
Min
Typ
Max
Unit
VSWxIN [3]
Operating functional input voltage
UVDET
—
5.5
V
VSWxACC
Output voltage accuracy
PWM mode
0.4 V ≤ VSWxFB < 0.8 V
0 ≤ ISWx ≤ 2.5 A
−10
—
10
mV
VSWxACC
Output voltage accuracy
PWM mode
0.8 V ≤ VSWxFB ≤ 1.0 V
0 ≤ ISWx ≤ 2.5 A
−1.5
—
1.5
%
VSWxACC
Output voltage accuracy
PWM mode
1.0 V < VSWxFB ≤ 1.5 V
0 ≤ ISWx ≤ 2.5 A
−1.5
—
1.5
%
VSWxACC
Output voltage accuracy
PWM mode
VSWxFB = 1.8 V
0 ≤ ISWx ≤ 2.5 A
−1.5
—
1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com