Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 111 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 107Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 108Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 109Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 110Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 111Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 112Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 113Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 114Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
111 / 125
• Device test the UV comparators for each individual SWx and LDOx supply during the
self-test routine.
• During the ABIST verification, it is required to ensure the corresponding OV/UV
comparators are able to toggle, which in turn is a sign of the integrity of these functions.
• A warning bit is set on the I2C register map, if any of the comparators is not able to
toggle.
– The ABIST_OV1 register contains the AB_SWx_OV bits for all external regulators.
– The ABIST_OV2 register contains the AB_LDOx_OV bits for all external regulators.
– The ABIST_UV1 register contains the AB_SWx_UV bits for all external regulators.
– The ABIST_UV2 register contains the AB_LDOx_UV bits for all external regulators.
• The ABIST registers are cleared or overwritten each time the ABIST check is
performed.
• The ABIST registers are part of the secure registers and require an I2C secure write to
be cleared, if this feature is enabled.
Once ABIST check is performed, the PF7100 can proceed with the power up sequence
and the MCU should be able to request the value of these registers and learn if ABIST
failed for any of the voltage monitors.
The AB_RUN bit is provided to perform an ABIST verification on demand.
When the AB_RUN bit is set to 1, the control logic performs an ABIST verification on all
OV/UV monitoring circuits. When the ABIST verification is finished, the AB_RUN bit self-
clear to 0 and a new ABIST verification can be commanded as needed
When the Secure Write feature is enabled, the system must perform a secure write
sequence in order to start an ABIST verification on demand.
When the PF7100 performs an ABIST verification on demand, the OV/UV fault
monitoring is blanked for a maximum period of 200us. During this time, the system must
ensure it is in a safe state, or it is safe to perform this action without violating the safety
goals of the system.
If a failure on the OV/UV monitor is detected during the ABIST on-demand request, the
PMIC asserts the corresponding ABIST flags. The system is responsible to perform a
diagnostic check after each ABIST verification to ensure it places the system in Safe
state if an ABIST fault is detected.
19 IC level quiescent current requirements
Table 76. Quiescent current requirements
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, unless otherwise noted. Typical values are characterized at VIN = 5.0 V and
TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
ILPOFF
LP_Off state
LPM_OFF = 0
VIN > UVDET
VSNVSx = On
—
40
150
µA
IQPUOFF
QPU_Off
LPM_OFF = 1
System ready to power on
—
750
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com