Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA2ES Datasheet(PDF) 119 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 115Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 116Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 117Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 118Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 119Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 120Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 121Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 122Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
119 / 125
22 Revision history
Table 77. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PF7100 v.4
20210309
Product data sheet
CIN 202103007I
PF7100 v.3
Modifications
• Table 6: updated storage temperature (replaced −40 by −55)
• Table 50: changed output voltage accuracy from ±2.0% to ±1.5% for VSWxACC (0.8 V ≤ VSWxFB ≤ 1.0 V)
• Section 14.9.13: updated Figure 22
PF7100 v.3
20201016
Product data sheet
-
PF7100 v.2
Modifications
• Section 13: updated Figure 6 and added new transitions to the State machine transition definition table in
order to clarify missing conditions related to the XFAILB during power up and power down events
PF7100 v.2
20200812
Product data sheet
-
PF7100 v.1
Modifications
• Table 2: added OTP links
• Table 50: updated VSWxACC values
PF7100 v.1
20200707
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com