Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 104Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 105Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 106Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 107Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 108Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 109Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 110Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 111Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
E-10
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
7. Tighten the #8-32 screws used to assemble the Slide
Assembly and Bracket Extenders in Section 4.
8. Repeat step 6-7 for the remaining Side Rail/Bracket as-
semblies. (Figure 7)
6. Install T1000 Modules in Rackmount Slides
CAUTION: Battery Modules weight 150 lb.
(68 kg). Use lifting aids and proper lifting
techniques
NOTE: The T1000 System modules must be arranged top-
to-bottom in the following relative order:
•
Transformer Module (if present)
•
Power (UPS) Module
•
Battery Module w/Output Panel (if present)
•
Battery Panel w/o Output Panel (if present)
1. Lift the module intended for the bottom slide rail set, and slide the module’s E-Z Rails into the extended
Slide Middle Members.
2. Gently slide the module backward until the slides are fully retracted.
3. Repeat steps 1-2 for the module slide rail set immediately above the bottom one.
4. Continue until all modules have been installed on their slide rails.
5. Go to
T1000 Installation and Operation Manual - 91074 to continue installation and cabling of the
T1000 System.
FIGURE 7: INSTALL REMAINING SLIDE RAIL
ASSEMBLIES IN 4-POST RACK
FIGURE 6: INSTALL SLIDE RAIL
ASSEMBLIES IN 4-POST RACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com