Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 106Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 107Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 108Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 109Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 110Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 111Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 112Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 113Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 118 page
background image
E-12
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
3. Repeat Step 1-2 for all modules to be installed.
4. Attach 2-Post Adapter Brackets to 2-Post Rack
NOTE: If Rack Rail holes are threaded, use either the 1/4-20 or 10-32 bolts included in the Installation Kit.
If Rack rails have square penetrations, follow instructions below.**
NOTE: If installing more than one T1000 module, begin with the lowest module first.
1. Remove the cage nuts from the Slide kit.
2. Hold one of the 2-Post mounting brackets, P/N 2496052, against the 2-Post mounting flange at the
level of the lowest module to be installed, with the bracket flange, Figure 2, to the outside of the 2-Post
rack (Figure 3).
NOTE: Ensure all bracket slots align with the rack rail mounting holes to establish the bottom unit eleva-
tion.
3. Each 2-Post Mounting bracket has four (4) rack mounting bolt holes (Figure 1). Slip the cage nut over
the top (first) rack rail mounting hole. Repeat for the rail holes corresponding to the 2nd, 3rd, and 4th
bracket bolt holes.
4. Attach the 2-Post Slide Bracket on the 2-Post Rack using four (4) PHP, (Pan Head Phillips) 8-32 x 1/4
in. screws (or appropriate fasteners).
5. Repeat Steps 2-3 for the remaining three mounting brackets (Figure 4).
FIGURE 4: 2-POST SLIDE BRACKET INSTALLATION (USING CAGE NUTS. OTHER FASTENERS SIMILAR.)
2-POST RACK
Cage Nut
1/4-20
Cage Nut
1/4-20
SEMS Hex Bolt
1/4-20 x 5/8”
SEMS Hex Bolt
1/4-20 x 5/8”
SEMS Hex Bolt
1/4-20 x 5/8”
SEMS Hex Bolt
1/4-20 x 5/8”
FIGURE 3: 2-POST SLIDE BRACKET (4 PER MODULE)
1/4-20 x
5/8” Bolt
holes
Bracket
Flange
Isometric View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com