Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 105Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 106Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 107Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 108Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 109Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 110Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 111Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 112Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 118 page
background image
E-11
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
E.5 Optional T1000 2-Post Rack Slide Installation Kit - 90400
T1000 Series UPS 2-Post Rack Slide Kit Installation Instructions- 94030-001
1. 2-Post Rack Slide Kit
Use the 2-Post Rack Slide Kit 90400 (1 kit per module) to mount a T1000 module with slides in a 19-inch,
2-Post rack. The slide assemblies are non-handed, and are provided with a lock-open feature and a quick
disconnect for the Inner Slide Member. When the Inner Slide Member is disconnected, the E-Z Rail latch in
the slide assembly locks the Middle Member in the fully open position until the Inner Member is reinstalled.
2. Contents - 2-Post Rack Slide Installation Kit (90400)
1 ea.: T1000 Series UPS 2-Post Rack Slide Kit Installation Instructions - 94030
2 ea.: Slide, 22 in., 370EZ-22
1 ea.: BK-4-EZ 2-Post Rack Bracket Kit, containing:
4 ea.: 2-Post Rack Bracket JES P/N 2496052
8 ea: Screw, FHP (Flat Head Phillips) 8-32 x 3/8 in.
8 ea: Nut, serrated head, 8-32
8 ea: Screw, PHP, (Pan Head Phillips) 8-32 x 1/4 in. (for mounting inner slide member)
16 ea.: Cage Nut, 1/4”-20
16 ea.: SEMS Hex bolt, 1/4”-20 x 5/8” (with assembled washer) for racks with 1/4”-20 tapped
holes.
16 ea.: SEMS Hex bolt, 10-32 x 5/8” (with assembled washer) for racks with 10-32 tapped holes.
3. Attach E-Z Rail to Module
No.
ITEM
1
Slide Rail Inner Member (EZ Rail)
2
Slide Rail Middle Channel
3
Slide Rail Outer Channel (Outer Rail Sleeve)
4
E-Z Rail Latch
FIGURE 1 SLIDE ASSEMBLY
1. Remove the EZ Rail (Slide Rail Inner Member), Figure 1-(1), from the Slide Rail Middle Channel,
Figure 1-(2), by pressing the E-Z Rail Latch, Figure 1-(4), and sliding the EZ Rail out of the Middle
Channel. Repeat for the second Slide Assembly.
2. Attach an EZ Rail to each side of the UPS module using 4 x Phillips 8-32 x 1/4”. Orient the inner
Slide Member so the rounded end is towards the rear of the module. (Figure 2)
1
2
3
4
FIGURE 2: INSTALL INNER SLIDE MEMBER ON LEFT AND RIGHT SIDES OF MODULE(S)
4 @ PHP
8-32 x 1/4 in.
7 in.
(178 mm)
7 in.
(178 mm)
5 in.
(127 mm)
Slide Rail
Inner Member



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com