Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1X06000GA-N1-R3 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 107Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 108Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 109Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 110Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 111Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 112Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 113Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 114Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 118 page
background image
E-13
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
6. If more than one module is being installed for the T1000 system, install the remaining mounting
bracket kits as described in steps 1-5.
5. Attach Rail Assemblies to 2-Post Adapter Brackets
1. Orient the Outer Channel Body of the Slide Assembly so the open side is facing inwards, and the
front is towards the rack front. Open and fully extend the slide inner channel from the outer channel.
NOTE: There are six (6) mounting holes available for use. The first two holes, Figure 5 - #1 and #2,
are accessible through openings in the Inner Channel when the Inner Channel is fully extended. The
Rear-most mounting hole (Figure 5 - #6) may be blocked by the 2-Post mounting bracket.
2. Bolt the Outer Channel Body (370ez-27-11), Figure 1-(3) to the Slide Mount Brackets. (4 places)
(See Figure 5) Recommend using holes #1, #2, #4, and #5 in Figure 5.
3. Insert the screws through the Outer Channel Body and 2-Post Slide Bracket (Figure 6).
4. Secure the four FHP 8-32 x 3/8 in. screws with the 8-32 serrated head nuts from 90400 kit. The nuts
screw on from the outside of the 2-Post Slide Bracket. (Figure 6)
5. Repeat steps 1-4 for the second slide assembly.
6. Repeat steps 1-5 for each module to be installed. (See Figure 7)
FHP 8-32 x 3/8”
Insert Outer Channel Fasteners Through Outer Channel Body
OUTER CHANNEL
2-POST RACK
1/4-20 x
5/8” Bolt
1/4-20 x
5/8” Bolt
Nut 8-32 Serrated Head
FIGURE 6: ATTACH OUTER CHANNEL TO 2-POST SLIDE BRACKET (2 PER MODULE)
OUTER CHANNEL BODY
(Back View)
Six (6) ea. 0.177 Thru Hole, Countersunk 0.332 x 100° Farside, typ.
Use FHP 8-32 x 3/8” to mount on slide brackets.
Intermediate
Channel
Rear-most Outer
Channel mounting
hole may be blocked
by Slide Bracket.
FIGURE 5: SLIDE OUTER CHANNEL MOUNTING HOLE LOCATIONS
#1
#2
#3
#4
#5
#6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com