Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 12Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 13Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 14Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 15Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 16Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 17Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 18Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 19Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
16 / 125
13.1.2 LP_Off state
The LP_Off state is a low power off mode selectable by the LPM_OFF bit during
the system-on modes. By default, the LPM_OFF = 0 when VIN crosses the UVDET
threshold, therefore the state machine stops at the LP_Off state until a valid power up
event is present. When LPM_OFF= 1, the state machine transitions automatically to the
QPU_Off state if no power up event has been present and waits in the QPU_Off until a
valid power up event is present.
The selection of the LPM_OFF bit is based on whether prioritizing low quiescent current
(stay in LP_Off) or quick power up (move to QPU_Off state).
If a power up event is started in LP_Off state with LPM_OFF = 0 and a fuse loading error
is detected, the PF7100 ignores the power up event and remains in the LP_Off state to
avoid any potential damage to the system.
To be in LP_Off state, it is necessary to have VIN present.
13.1.3 Self-test routine (ASIL B only)
When device transitions from the LP_Off state, it turns on all necessary internal circuits
as it moves into the self-test routine and performs a self-check routine to verify the
integrity of the internal circuits.
During the self-test routine the following blocks are verified:
• The high-speed clock circuit is operating within a maximum of 15 % tolerance
• The output of both the voltage generation band gap and the monitoring band gap are
not more than 4 % to 12 % apart from each other
• A CRC is performed on the mirror registers during the self-test routine, to ensure the
integrity of the registers before powering up
• ABIST test on all voltage monitors.
To allow for varying settling times for the internal band gap and clocks, the self-test block
is executed up to 3 times (with 2.0 ms between each test), if a failure is encountered, the
state machine proceeds to the fail-safe transition.
A failure in the ABIST test is not interpreted as a self-test failure and it only sets the
corresponding ABIST flag for system information. The MCU is responsible for reading the
information and deciding whether it can continue with a safe operation. See Section 18.1
"System safety strategy" for more information about the functional safety strategy.
Upon a successful self-test, the state machine proceeds to the QPU_Off state.
13.1.4 QPU_Off state
The QPU_Off state is a higher power consumption off mode, in which all internal circuitry
required for a power on is biased and ready to start a power up sequence.
If LPM_OFF = 1 and no turn on event is present, the device stops at the QPU_Off state,
and waits until a valid turn on event is present.
In this state, if VDDIO supply is provided externally, the device is able to communicate
through I2C to access and modify the mirror registers in order to operate the device in
TBB mode or to program the OTP registers as described in Section 17 "OTP/TBB and
hardwire default configurations".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com