Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 15Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 16Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 17Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 18Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 19Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 20Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 21Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 22Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
19 / 125
When OTP_SW_MODE = 1, the default values of the SWx_STBY_MODE bits are set to
0b01 (PWM).
If the switching regulator is not part of the power up sequence, the
SWx_STBY_MODE[1:0] bits are loaded with 0b00 (OFF mode).
Likewise, if the LDO is part of the power up sequence, the LDOx_RUN_EN bit is set to
1 (enabled) by default. If the LDO is not selected as part of the power up sequence, the
LDOx_RUN_EN bit is set to 0 (disabled) by default.
Upon power up, the standby registers are loaded with the same default OTP values as
the run mode. The MCU is expected to program the desired standby values during boot
up.
If any of the external regulators are disabled in the standby state, the power down
sequencer is engaged as described in Section 14.6.2 "Power down sequencing".
13.1.7 WD_Reset
When a hard watchdog reset is present, the state machine increments the
WD_EVENT_CNT[3:0] register and compares against the WD_MAX_CNT[3:0] register.
If WD_EVENT_CNT[3:0] = WD_MAX_CNT[3:0], the state machine detects a cyclic
watchdog failure, it powers down the external regulators and proceeds to the fail-safe
transition.
If WD_EVENT_CNT[3:0] < WD_MAX_CNT[3:0], the state machine performs a hard WD
reset.
A hard WD reset can be generated from either a transition in the WDI pin or a WD event
initiated by the internal watchdog counter as described in Section 15.10.2 "Watchdog
reset behaviors".
13.1.8 Power down state
During power down state, all regulators except VSNVSx are disabled as configured in
the power down sequence. The power down sequence is programmable as defined in
Section 14.6.2 "Power down sequencing".
Two types of events may lead to the power down sequence:
• Non-faulty turn off events: move directly into LP_Off state as soon as power down
sequence is finalized
• Turn off events due to a PMIC fault: move to the fail-safe transition as soon as the
power down sequence is finalized
13.1.9 Fail-safe transition
The fail-safe transition is entered if the PF7100 initiates a turn off event due to a PMIC
fault.
If the fail-safe transition is entered, the PF7100 provides four FAIL bits to indicate the
source of the failure:
• The PU_FAIL is set to 1 when the device shuts down due to a power up failure
• The WD_FAIL is set to 1 when the device shuts down due to a watchdog event counter
max out
• The REG_FAIL is set to 1 when the device shuts down due to a regulator failure (fault
counter maxed out or fault timer expired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com