Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 74Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
71 / 125
15.4.1 Electrical characteristics
Table 57. Type 2 buck regulator electrical characteristics
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, VIN = VSW5IN = UVDET to 5.5 V, VSW5FB = 1.8 V, ISW5 = 500 mA, typical
external component values, fSW = 2.25 MHz, unless otherwise noted. Typical values are characterized at VIN = VSW5IN = 5.0
V, VSW5FB = 1.8 V, ISW5 = 500 mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
VSW5IN [1]
Operating input voltage range
1.2 V < VSW5FB ≤ 1.85 V, DCR ≤ 40 mΩ
UVDET
—
5.5
V
VSW5IN [1]
Operating input voltage range
1.85 V < VSW5FB < 4.1 V, DCR ≤ 40 mΩ
VSW5FB + 0.65
—
5.5
V
VSW5ACC
Output voltage accuracy
PWM mode
0 ≤ ISW5 ≤ 2.5 A
−2.0
—
2.0
%
VSW5ACC
Output voltage accuracy
PFM mode
0 ≤ ISW5 ≤ ΔI/2
−4.0
—
4.0
%
tPFMtoPWM
PFM to PWM transition time
10
—
—
µs
ISW5 [2]
Maximum output load
2500
—
—
mA
ISW5LIM
Current limiter - inductor peak current detection
SW5ILIM = 00
1.6
2.1
2.5
A
ISW5LIM
Current limiter - inductor peak current detection
SW5ILIM = 01
2.0
2.6
3.1
A
ISW5LIM
Current limiter - inductor peak current detection
SW5ILIM = 10
2.4
3.0
3.7
A
ISW5LIM
Current limiter - inductor peak current detection
SW5ILIM = 11
3.6
4.5
5.45
A
ISW5NILIM
Negative current limit - inductor valley current detection 0.7
1.0
1.3
A
tSW5RAMP
Soft-start ramp time during power up and power down
VSW5FB = 1.8 V
90
—
200
µs
tONSW5
Turn on time
From regulator enabled to 90 % of end value
VSW5FB = 1.8 V
100
180
300
µs
VSW5OSH
Startup overshoot
−50
—
50
mV
ηSW5
Efficiency
PFM mode, 3.3 V, 1.0 mA, TJ = 125 °C
—
85
—
%
ηSW5
Efficiency
PFM mode, 3.3 V, 50 mA, TJ = 125 °C
—
88
—
%
ηSW5
Efficiency
PFM mode, 3.3 V, 100 mA, TJ = 125 °C
—
90
—
%
ηSW5
Efficiency
PWM mode, 3.3 V, 400 mA, TJ = 125 °C
—
91
—
%
ηSW5
Efficiency
PWM mode, 3.3 V, 1000 mA, TJ = 125 °C
—
92
—
%
ηSW5
Efficiency
PWM mode, 3.3 V, 2000 mA, TJ = 125 °C
—
90
—
%
FSW5
PWM switching frequency range
Frequency set by CLK_FREQ[3:0]
1.9
2.5
3.15
MHz
TONminSW5
Minimum on time
—
50
—
ns
TDBSW5
Deadband time
—
3.0
—
ns
Tslew
Slewing time
10 % to 90 %
VSW5IN = 5.5 V
—
—
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com