Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 38Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 39Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 41Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
42 / 125
Symbol
Parameter
Min
Typ
Max
Unit
PWRON_ VIH
PWRON high input voltage
1.4
—
5.5
V
STANDBY_ VIL
STANDBY low input voltage
—
—
0.4
V
STANDBY_ VIH
STANDBY high input voltage
1.4
—
5.5
V
RESETBMCU_ VOL RESETBMCU low output voltage
−10 mA load current
0
—
0.4
V
INTB_ VOL
INTB low output voltage
−10 mA load current
0
—
0.4
V
XINTB_ VIL
XINTB low input voltage
—
—
0.3*VDDIO
V
XINTB_ VIH
XINTB high input voltage
0.7*VDDIO
—
5.5
V
RXINTB_PU
XINTB internal pullup resistance
0.475
1.0
—
MΩ
WDI_ VIL
WDI low input voltage
—
—
0.3*VDDIO
V
WDI_ VIH
WDI high input voltage
0.7*VDDIO
—
5.5
V
RWDI_PD
WDI internal pulldown resistance
0.475
1.0
—
MΩ
EWARN_ VOH
EWARN high output voltage
2.0 mA load current
VDDIO − 0.5
—
VDDIO
V
PGOOD_ VOL
PGOOD low output voltage
−10 mA load current
0
—
0.4
V
VSELECT_ VIL
VSELECT low input voltage
—
—
0.3*VDDIO
V
VSELECT_ VIH
VSELECT high input voltage
0.7*VDDIO
—
5.5
V
RVSELECT_PD
VSELECT internal pulldown resistance
0.475
1.0
—
MΩ
LDO2EN_ VIL
LDO2EN low input voltage
—
—
0.3*VDDIO
V
LDO2EN_ VIH
LDO2EN high input voltage
0.7*VDDIO
—
5.5
V
RLDO2EN_PD
LDO2EN internal pulldown resistance
0.475
1.0
—
MΩ
TBBEN_ VIL
TBBEN low input voltage
—
—
0.4
V
TBBEN_ VIH
TBBEN high input voltage
1.4
—
5.5
V
RTBBEN_PD
TBBEN internal pulldown resistance
0.475
1.0
—
MΩ
XFAILB_VIL
XFAILB low input voltage
—
—
0.4
V
XFAILB_VIH
XFAILB high input voltage
1.4
—
5.5
V
XFAILB_VOH
XFAILB high output voltage
Pulled-up to V1P5A
V1P5A − 0.5
—
—
V
XFAILB_VOL
XFAILB low output voltage
−10 mA load current
0
—
0.4
V
FSOB_ VOL
FSOB low output voltage
−10 mA
0
—
0.4
V
SCL_ VIL
SCL low input voltage
—
—
0.3*VDDIO
V
SCL_ VIH
SCL high input voltage
0.7*VDDIO
—
VDDIO
V
SDA_ VIL
SDA low input voltage
—
—
0.3*VDDIO
V
SDA_ VIH
SDA high input voltage
0.7*VDDIO
—
VDDIO
V
SDA_ VOL
SDA low output voltage
−20 mA load current
0
—
0.4
V
14.9.1 PWRON
PWRON is an input signal to the IC that acts as a power up event signal in the PF7100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com