Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 47Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 48Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 49Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 50Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
47 / 125
• When the PG_EN = 1, the corresponding regulator becomes part of the AND function
that controls the PGOOD pin.
• When the PG_EN = 0, the corresponding regulator does not control the status of the
PGOOD pin.
The PGOOD pin is pulled low when any of the selected regulator outputs falls above
or below the programmed OV/UV thresholds and the corresponding OV/UV interrupt is
generated. If the faulty condition is removed, the corresponding OV_S/UV_S bit goes low
to indicate the output is back in regulation, however, the interrupt remains latched until it
is cleared.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
When a particular regulator is disabled (via OTP, or I2C, or by change in state of PMIC
such as going to standby mode), it no longer controls the PGOOD pin.
In the OFF modes and during the power up sequence, the PGOOD pin is held low until
RESETBMCU is ready to be released, at this point, the PG monitors are unmasked and
the PGOOD pin is released high if all the internal PG monitors are in regulation. In the
event that one or more outputs are not in regulation by the time RESETBMCU is ready to
de-assert, the PGOOD pin is held low and the PF7100 performs the corresponding fault
protection mechanism as described in Section 14.7.1 "Fault monitoring during power up
state".
14.9.9 VSELECT
VSELECT is an input pin used to select the output voltage of LDO2 when bit
VSELECT_EN = 1.
• When VSELECT pin is low, the LDO2 output is programmed to 3.3 V.
• When VSELECT pin is high, the LDO2 output is programmed to 1.8 V.
When VSELECT_EN = 0, the output of LDO2 is given by the VLDO2_RUN[3:0] bits.
When the PF7100 is in the standby mode, the output voltage of LDO2 follows the
configuration as selected by the VLDO2_STBY[3:0] bits, regardless of the value of
VSELECT_EN bit.
The default value of the VSELECT_EN bit is programmed by the OTP_VSELECT_EN bit
in the OTP fuses.
A read-only bit is provided to monitor the actual state of the VSELECT pin. When the
VSELECT pin is low, the VSELECT_S bit is 0 and when the VSELECT pin is high, the
VSELECT_S bit is set to 1.
14.9.10 LDO2EN
LDO2EN is an input pin used to enable or disable LDO2 when the bit LDO2HW_EN = 1.
When LDO2HW_EN = 1, the status of LDO2 output can also be controlled by the
LDO2_RUN_EN bit in the run mode or the LDO2_STBY_EN bit in the standby mode.
Table 34. LDO control in run or standby mode
LDO2EN pin
LDO2HW_EN bit
LDO2_RUN_EN
LDO2_STBY_EN
LDO2 output
Do not care
0
0
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com