Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 74Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 75Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 76Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 77Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 78Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
75 / 125
Symbol
Parameter
Min
Typ
Max
Units
VLDOxTOL
Output voltage tolerance
1.5 V ≤ VLDOx ≤ 5.0 V
0 mA < ILDOx ≤ 400 mA
−3.0
—
3.0
%
VLDOxLOR
Load regulation
—
0.10
0.20
mV/mA
VLDOxLIR
Line regulation
—
1.0
20
mV/V
ILDOxLIM
Current limit
ILDOx when VLDOx is forced to VLDOxNOM/2
450
850
1400
mA
ILDOxQ
Quiescent current (measured at TA = 25 °C)
—
7.0
10
μA
RDS(on)
Drop-out/load switch on resistance
VLDOINx = 3.3 V (at TJ =125 °C)
—
—
150 [1]
mΩ
PSRRVLDOx
DC PSRR
ILDOx = 150 mA
VLDOx[3:0] = 0000 to 1111
VLDOINx = VLDOxINMIN
48
—
—
dB
TRVLDOx
Turn on rise time (soft-start ramp)
10 % to 90 % of end value
VLDOx = 3.3 V
ILDOx = 0.0 mA
—
220
360
μs
tONLDOx
Turn on time
Enable to 90 % of end value
VLDOx = 5.0 V
ILDOx = 0.0 mA
—
—
400
μs
tOFFLDOx
Turn off time
Disable to 10 % of initial value
VLDOx = 5.0 V
ILDOx = 0.0 mA
—
—
3500
μs
VLDOxOSHT
Startup overshoot
VLDOINx = VLDOINxMIN
VLDOx = 5.0 V
ILDOx = 0.0 mA
—
1.0
2.0
%
VLDOxLOTR
Transient load response
ILDOx = 10 mA to 200 mA in 2.0 μs
Peak of overshoot or undershoot of LDOx with
respect to final value
1.5 V ≤ VLDOx ≤ 5.0 V
−6.0
—
6.0
%
VLDOxLOTR
Transient load response
ILDOx = 10 mA to 200 mA in 2.0 μs
Peak of overshoot or undershoot of LDOx with
respect to final value
0.8 V ≤ VLDOx ≤ 1.2 V
−90
—
90
mV
TonLDOxLS
Load switch mode turn on rise time
—
150
300
µs
RdischLDOx
Output discharge resistance when LDO is disabled
LDO and switch mode
50
100
300
Ω
ILSxLIM
Load switch mode current limit when enabled
LSxILIM_EN = 1
450
850
1400
mA
RLDOxTBB
LDOx pulldown resistance during TBB mode
TBBEN = 1 & in QPU_OFF state
1.0
2.0
3.0
kΩ
[1]
Max RDS(on) does not include bond wire resistance. Consider 40 % tolerance to account for bond wire and pin loss.
15.6 Voltage monitoring
The PF7100 provides OV and UV monitoring capability for the following voltage
regulators:
• SW1 to SW5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com