Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 87Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 88Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 89Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 90Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
87 / 125
Table 70. Thermal monitor bit description
Bit(s)
Description
THERM_80_I, THERM_80_S, THERM_80_M
Interrupt, sense, and mask bits for 80 ºC threshold
THERM_95_I, THERM_95_S, THERM_95_M
Interrupt, sense, and mask bits for 95 ºC threshold
THERM_110_I, THERM_110_S, THERM_110_M
Interrupt, sense, and mask bits for 110 ºC threshold
THERM_125_I, THERM_125_S, THERM_125_M
Interrupt, sense, and mask bits for 125 ºC threshold
THERM_140_I, THERM_140_S, THERM_140_M
Interrupt, sense, and mask bits for 140 ºC threshold
THERM_155_I, THERM_155_S, THERM_155_M
Interrupt, sense, and mask bits for 155 ºC threshold
TMP_MON_EN
Disables temperature monitoring circuits when
cleared
TMP_MON_AON
When set, the temperature monitoring circuit is always
ON.
When cleared, the temperature monitor operates in
sampling mode.
15.9 Analog multiplexer
An analog multiplexer (AMUX) is provided to allow access to various internal voltages
within the PMIC. The selected voltage is buffered and made available on the AMUX
output pin during the system-on states.
When the AMUX_EN bit is 0, the AMUX block is disabled and the output remains pulled
down to ground.
When the AMUX_EN bit is 1, the AMUX block is enabled and the system may select the
channel to be read by using the AMUX_SEL[4:0] bits.
Table 71. AMUX channel selection
AMUX_EN
AMUX_SEL[4:0]
AMUX selection
Internal signal dividing ratio
0
X XXXX
AMUX disabled and pin pulled down to
ground
N/A
1
0 0000
AMUX disabled in high impedance mode N/A
1
0 0001
VIN
4
1
0 0010
VSNVS1
3.5
1
0 0011
VSNVS2
2
1
0 0100
SW1_FB
1.25 (1.8 V setting)
1 (all other settings)
1
0 0101
SW2_FB
1.25 (1.8 V setting)
1 (All other settings)
1
0 0110
SW3_FB
1.25 (1.8 V setting)
1 (all other settings)
1
0 0111
SW4_FB
1.25 (1.8 V setting)
1 (all other settings)
1
0 1000
SW5_FB
10/3.5 = 2.86
1
0 1011
LDO1
10/5 = 2 (0.8 V to 1.2 V settings)
10/3 = 3.33 (1.5 V to 5.0 V settings)
1
0 1100
LDO2
10/5 = 2 (0.8 V to 1.2 V settings)
10/3 = 3.33 (1.5 V to 5.0 V settings)
1
0 1111
TEMP_IC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com