Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 74Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 75Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 76Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
73 / 125
aaa-028066
I2C
INTERFACE
discharge
VLDOx
VLDOxIN
VBG1
2.5 to 5.5 V
CINLDOx
COLDOx
LDOxEN
VLDOx[3:0]
Figure 30. LDOx regulator block diagram
LDO1 and LDO2 have their own dedicated input supply pin, LDO1IN and LDO2IN
respectively.
The two LDOs are provided with 1 bit to enable or disable its output during the system-on
states.
• When LDOx_RUN_EN = 0, the LDO is disabled during the run mode. If the regulator is
part of the power up sequence, this bit is set during the power up sequence. Otherwise
it is defaulted to 0.
• When LDOx_STBY_EN = 0, the LDO is disabled during the standby mode. If
the regulator is part of the power up sequence, this bit is set during the power up
sequence. Otherwise it is defaulted to 0.
The mode of operation of the LDOx is selected on OTP via the OTP_LDOxLS bit.
Table 59. LDO operation description
LDOx_RUN_EN / LDOx_STBY_
EN
OTP_LDOxLS
LDO operation mode
(Run or standby mode)
0
X
Disabled with output pulldown
active
1
0
Enabled in normal mode
1
1
Enabled in load switch
configuration
The LDOs use 4 bits to set the output voltage.
• The VLDOx_RUN[3:0] sets the output voltage during the run mode.
• The VLDOx_STBY[3:0] sets the output voltage during standby mode.
The default output voltage configuration for the run and the standby modes is loaded
from the OTP_VLDOx[3:0] registers on power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com