Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 10Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 11Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 12Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 13Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 14Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
11 / 125
13 State machine
The PF7100 features a state of the art state machine for seamless processor interface.
The state machine handles the IC startup, provides fault monitoring and reporting, and
protects the IC and the system during fault conditions.
Fault
WD_Reset
D
Q
O
L
R
F
K
U
J
P
M
C
E
Z
N
S
Fault
POWER DOWN
Turn-Off
POWER DOWN
1. WD_FAIL_CNT = WD_MAX_CNT
OR
2. PU_FAIL = True
OR
3. FAULT_CNT = FAULT_MAX_CNT
OR
4. Fault_Timer_Expired
OR
5. Tj > TSD
1. PWRON = 0
OR
2. PWRON H to L &&
PWRON = 0 > TRESET
OR
3. PMIC_OFF = 1 &&
500us_Shutdown_timer_expired
OR
4. VIN_OVLO_SDWN = 1 &&
VIN_OVLO detected
* Output is enabled/asserted if it is programmed to do
so by the OTP configuration
Turn-off
Power Up
Sequence
Off Modes
Hard WD Reset
Event
System ON
Power up regulators
per OTP sequence
PU_FAIL = True
Power up
failure
BG_OK
OTP_OK
20 MHz_OK
FS_CNT++
Regulators off
VSNVSx = On*
FSOB = LOW*
Fail self-test
(ST_COUNT < 3)
FS_CNT = FS_MAX_CNT
&& OTP_FS_BYPASS = 0
1. FS_CNT < FS_MAX_CNT
OR
2. OTP_FS_BYPASS = 1
Regulators off
FSOB = LOW*
VSNVSx = On*
TRIM_NOK = 0
&& OTP_NOK = 0
&& STEST_NOK = 0
VIN > UVDET
V1P5D_POR
V1P5A_POR
VIN < UVDET
CRITICAL FAILURE
WD_FAIL_CNT++
RESETBMCU = HIGH
Sys ON
Sequence
RUN
Fau
lt Sh
utdo
wn
Fa
il s
elf
-te
sts
(ST
_C
OU
NT
= 3
)
Tu
rn-
off
ev
en
t
Standby
B
A
QPU_Off
LP_Off
Self-
Test
2 ms
delay
OTP &
Trim Load
VSNVSx On*
Fail-Safe
State
Fail-Safe
Transition
Power Down
NO
POWER
ASIL-B only
QM only
5. XFAILB = low && 20us delay
(Only if OTP_XFAIL_EN = 1)
Figure 6. State diagram
Table 11 lists the conditions for the different state machine transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com